Part Number Hot Search : 
FP3002 SMDB08 HIN230IB 100031 MM1095 300HS RN4606 NJU7074D
Product Description
Full Text Search
 

To Download PXIS-2719A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  introduction the adlink PXIS-2719A is a 3u pxi chassis with advanced features, including: ? innovative cooling solution, delivering efficient and uniform heat dissipation ? superior stability within an extended temperature range ? intelligent chassis management providing dynamic monitoring and management of fan speed, system voltage, and internal temperature ? remote management via standard rs-232 monitoring port the PXIS-2719A is compliant with pxi and compactpci specifications and provides one system slot and eighteen peripheral slots. it is designed to meet or exceed application requirements with maximum slot capacity, extended oper - ating temperature range, and superior heat dissipation in a lightweight and robust design. the PXIS-2719A includes an industrial-grade 600 w ac power supply to provide ample reliable power to the entire system. the PXIS-2719A is designed with an external 10 mhz reference clock input, front panel led indicators, and easy-access pxi/compactpci slots with card guides for convenient installation and use. with innovative features and robust design, the PXIS-2719A is a clear leader for pxi platform-based test and measurement applications. features pxi hardware specification rev. 2.2 compliant rack-mountable 19-slot pxi chassis with one system slot and eighteen pxi/compactpci peripheral slots advanced forced-cooling mechanism for efficient and uniform heat dissipation external 10 mhz reference clock input via bnc connector 0c to 55c extended operating temperature range intelligent chassis monitoring/control ? automatic fan speed control ? chassis status monitoring and exporting ? remote chassis power on/off control 600 w industrial-grade ac power supply power, temperature and fan monitoring leds 19-slot 3u pxi chassis with ac PXIS-2719A highlights innovative cooling mechanism the adlink PXIS-2719A features an innovative design for heat dissipation. the cooling fans are placed in the rear section of the chassis where cool air is drawn in through apertures on the bottom and exhausted through the back. this new design provides uniform airflow for each pxi slot and exceptional cooling capability. when the chassis is in - stalled, the design minimizes intake of hot air from the rear where other devices exhaust, while maintaining a steady temperature inside the chassis. intelligent chassis management the PXIS-2719A has a built-in control board monitors and manages chassis status, including internal temperature, fan speed, and voltages. using the rs-232 monitoring port, the chassis status information can be exported to another computer for remote management. the control board can also accept commands from the remote system to allow remote power on/off and fan speed control of the pxis- 2719a chassis. flexible rack-mount design an optional rack-mount kit provides flexible installation of the PXIS-2719A. by adjusting the position of rack-mount bracket, the PXIS-2719A can be recessed in a cabinet rack up to 10 centimeters to accommodate external mechanical parts on the front side, such as complicated connectors/ wires and mass interconnect modules. remote monitoring port
updated january 29, 2013. ? 2013 adlink technology, inc. all rights reserved. all specifcations are subject to change without further notice. pxi chassis physical number of slots: 19 (1 system slot + 18 peripheral slots) dimensions: 444 mm (w) x 178 mm (h) x 455 mm (d) (17.3 x 6.9 x 17.7) weight: 13.4 kg (29.5 lbs) operating environment ambient temperature: 0?c to 55?c (32?f to 131?f) relative humidity: 10% to 90%, non-condensing storage environment ambient temperature: -20?c to 70?c (-4?f to 158?f) relative humidity: 10% to 90%, non-condensing shock and vibration functional shock: 30 g, half-sine, 11 ms pulse duration random vibration ? operating: 5 to 500 hz, 0.31 g rms , 3 axes ? non-operating: 5 to 500 hz, 2.46 g rms , 3 axes emissions compliance en 61326-1 fcc class a ce compliance safety: en 61010-1 immunity: en 61326-1 ordering information PXIS-2719A 3u 19-slot smart pxi chassis with 600 w ac power supply PXIS-2719A rack-mount kit flexible rack-mount kit for PXIS-2719A PXIS-2719A pxi-3980/3950/3920 recommended system controller specifications power supply ac input ? input voltage range: 85 to 264 v ac full range ? input voltage frequency: 47 to 63 hz dc output ? maximum total usable power is 600 w cooling fans: 3 sets of 185.9 cfm fans per-slot cooling capacity: 25 w (verified by 55c chamber test) vdc maximum load regulation maximum ripple & noise +5 v 45.0 a 3% 20 mv +12 v 15.0 a 3% 50 mv +3.3 v 42.0 a 3% 20 mv -12 v* 4.75 a 3% 50 mv


▲Up To Search▲   

 
Price & Availability of PXIS-2719A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X